Part Number Hot Search : 
6TRPB 3SBP3 SBR6501 W3477M0 UN2112 1005F MC331 ST25VF
Product Description
Full Text Search
 

To Download TSIC101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The Analog Mixed Signal Company
TSicTM
Features
* * * * * * * * * *
High Precision Temperature Sensor IC
Best accuracy on the market (0.1C) Fast response Long-term stability Calibrated, ready to use Output: absolute analog voltage (0 to +1V) or digital one-wire (11bit) Supply voltage +2.97 to +5.5V for TSic 106, 206, 306; +4.5 to +5.5V for TSic 101, 201, 301, 506 Low current consumption (typ. 45A) Measurement range -50 to +150C Different accuracy classes available (with 100% upward compatibility) Available in different packages (TO92, SOP8, COF) or as bare die
Brief Description
TSicTM is a leading-edge digital temperature sensor IC, combining outstanding accuracy with fast response and longterm stability. The device is very simple to use, fully tested and calibrated for accuracy on delivery - no further calibration is needed. TSicTM is available in different accuracy classes and provides an absolute analog voltage output (0 to +1V) or an 11bit digital output at the one-wire serial interface. TSicTM is specifically designed for high-performance, costeffective temperature sensing in medical instruments, industrial process control, automobiles, building automation, white goods, office equipment and mobile measurement devices. * Samples and TSicTM LABkit available * Application support available * Customized calibration possible
Benefits
* * * * No external trimming components needed No calibration by customer necessary Small, simple to integrate Ideal for portable and battery operated applications
Based on
Application Circuit Example
Calibration Technology
T-Range 1
T-Range 2
T-Range 3
Product Version Resolution TSic 101/106 TSic 201/206 TSic 301/306 TSic 506 0.1C 0.1C 0.1C 0.034C
T-Range 1 +15C to +25C +10C to +90C +10C to +90C +5C to +45C
Accuracy 1 < 0.5C
T-Range 2 0C to +40C
Accuracy 2
T-Range 3
Accuracy 3 no limits, typ. 1.5C < +2.0C > -0.5C < +2.0C > -0.3C < +0.3C > -0.1C
< 1.0C -50C to +150C < +0.95C -50C to +150C > -0.5C < +0.95C -50C to +150C > -0.3C < +0.2C > -0.1C -10C to +60C
< 0.5C -20C to +110C < 0.3C -20C to +110C < 0.1C -5C to +55C
TSicTM Applications
Application Fields Industrial process control IT Consumer products White goods Food logistics HVAC Medical instrumentation Automotive Application Examples liquid- and gas monitoring processor chip and hard disk monitoring cellphones, PDAs, table weather stations refrigerators, washing machines, dish washers dataloggers, T-probes thermostats thermometers, respirators, incubators climate control, engine control TSic Recommendations TSic 20X, 30X, 506 TSic 106, 206 TSic 106, 206 TSic 10X, 20X, 30X TSic 10X, 20X, 30X TSic 10X, 20X TSic 306, 506 TSic 10X, 20X
TSicTM LABkit
* Provides fast TSicTM evaluation and demonstration * PC-connectable via USB * Contains USB module, 4 wired TSicTM devices, CD-ROM with software & documentation, USB cable * Drives up to 4 TSicTM devices in parallel * Displays actual temperatures, minima, maxima, averages * Including TSicTM Recording Software for Microsoft ExcelTM
TSicTM Ordering Code
Example:
Accuracy Code (as shown in table on front side)
Output Type
TSic 506 FST
Delivery Form T ... Tube (only for SOP8) B ... Bulk (only for TO92 and COF) On request U ... Unsawn wafer (only for TSic 10X, 20X)
SOP8 TO92
1 ... analog voltage 0 to +1V 6 ... 11bit digital serial interface Operating Temperature Range W ... wide (-50 to +150 C) F ... focused (-10 to +60 C)
Not all possible ordering code combinations are available. Please ask ZMD Sales for availability.
Package Type S ... SOP8 T ... TO92 C ... COF D ... Bare die
COF
For the latest revision of this document and for more information about this and other ZMD products please go to www.zmd.biz.
The information furnished hereby is believed to be correct and accurate. However, ZMD shall not be liable to any customer, licensee or any other third party for any damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licensee or any other third party shall result from ZMD's rendering of technical or other services.
Application Support ZMD AG Grenzstrasse 28 01109 Dresden Germany Tel +49.351.8822-916 Fax +49.351.8822-606 TSic@zmd.de
Sales Offices ZMD AG Grenzstrasse 28 01109 Dresden Germany Tel +49.351.8822-366 Fax +49.351.8822-337 sales@zmd.de
ZMD America, Inc. 201 Old Country Road, Suite 204 Melville, NY 11747 USA Tel +1.631.549.2666 Fax +1.631.549.2882 sales@zmda.com
www.zmd.biz
Copyright (c) 2006, ZMD AG, Rev. 0.3
ZMD Far East 1F, No. 14, Lane 268, Sec. 1 Guangfu Rd. HsinChu City 300 Taiwan Tel +886.3.563.1388 Fax +886.3.563.6385 sales@zmd.de
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.


▲Up To Search▲   

 
Price & Availability of TSIC101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X